PART |
Description |
Maker |
M74HC30B1R M74HC30 M74HC30RM13TR M74HC30TTR M74HC3 |
8 INPUT NAND GATE 8-INPUT NAND GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Q temp available 8-SOIC
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MC10109 MC10109FN MC10109L MC10109P ON0555 |
Replaced by SN54LS132 : Quadruple 2-Input Positive-NAND Schmitt Triggers 14-CDIP -55 to 125 10K SERIES, DUAL 5-INPUT OR/NOR GATE, PQCC20 Dual 4-5-Input OR/NOR Gate PIN ASSIGNMENT From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ONSEMI[ON Semiconductor]
|
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
MC74LVQ08 MC74LVQ08D MC74LVQ08DT MC74LVQ08M MC74LV |
Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source only 16-HTSSOP -40 to 85 LVQ SERIES, QUAD 2-INPUT AND GATE, PDSO14 LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
HCS11MS FN3048 |
Radiation Hardened Triple 3-Input AND Gate(抗辐射三3输入与门) HC/UH SERIES, TRIPLE 3-INPUT AND GATE, UUC14 From old datasheet system AND-Gate, 3-Input, Triple, Rad-Hard, High-Speed, CMOS, Logic
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC10H107 MC10H107FN MC10H107L MC10H107P ON0742 MC1 |
From old datasheet system Triple 2-Input Exclusive OR/Exclusive NOR Gate 0.3A, 2.7 to 5.5V Dual (2 Input/ 2 Output) High-Side MOSFET Switch IC, Fault Reporting, 2 Act-Lo En 8-SOIC 0 to 85 10H SERIES, TRIPLE 2-INPUT XOR/XNOR GATE, PQCC20
|
ONSEMI[ON Semiconductor] Motorola, Inc Motorola Mobility Holdings, Inc.
|
HCS08MS FN3047 HCS08 HCS08D HCS08DMSR HCS08HMSR HC |
HC/UH SERIES, QUAD 2-INPUT AND GATE, CDFP14 From old datasheet system Radiation Hardened Quad 2-Input AND Gate AND-Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
DM74ALS37A DM74ALS37AM DM74ALS37AN |
Quadruple 2-Input NAND Buffers Quadruple 2-Input NAND Buffer ALS SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LCX27SJ 74LCX27 74LCX27MTC 74LCX27M 74LCX27MTCX |
Triple 3-input NOR Gate LVC/LCX/Z SERIES, TRIPLE 3-INPUT NOR GATE, PDSO14 From old datasheet system Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX15029ATB/V |
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
|
Maxim Integrated Products
|